Part Number Hot Search : 
KBJ10D 300BZ 66TQC N80C51BH GC10212R KA7630 15P10GH 1ATETR
Product Description
Full Text Search
 

To Download 856656 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number 856656 140 MHz SAW Filter Data Sheet
Features
* * * * * * * * * For 2 Carrier WCDMA applications Usable bandwidth 10 MHz Low loss High attenuation Designed to minimize EVM Single-ended operation Ceramic Surface Mount Package (SMP) Hermetic RoHS compliant (2002/95/EC), Pb-free Pb
*
Package
Surface Mount 13.30 x 6.50 x 1.75 mm
Pin Configuration
Bottom View
1 12
0.76
1.75 NOM. 1.96 MAX.
2
3
4 5 6
11
13.3 2.54 2.18 6.50 2.54
10
9
8
7
1.17 x 3.76
0.79
1.50
Pin No. 11 12 5 6 1,2,3,4 7,8,9,10
Description Input Input return Output Output return Case ground Case ground
Dimensions shown are nominal in millimeters All tolerances are 0.15mm except overall length and width 0.10mm Body: Al2O3 ceramic Lid: Kovar, Ni plated Terminations: Au plating 0.5 - 1.0m, over a 2 - 6m Ni plating
Subject to change or obsolescence without notice
Rev A
06-07 TriQuint Semiconductor, Inc. (c)
Page 1 of 5
Part Number 856656 140 MHz SAW Filter Data Sheet
Electrical Specifications (1)
Operating Temperature Range: (2) -30 to +80 oC
Parameter (3)
Center Frequency Insertion Loss at 140 MHz Lower 1 dB Bandedge (4) Upper 1 dB Bandedge Lower 3 dB Bandedge (4) Upper 3 dB Bandedge 35 dB Bandwidth Amplitude Ripple (5) 135.5 - 144.5 MHz Absolute Group Delay 135.5 - 144.5 MHz Group Delay Variation 135.5 - 144.5 MHz Phase Linearity 135.5 - 144.5 MHz Input and Output VSWR 135.5 - 144.5 MHz Relative Attenuation(4) 40.0 - 110.0 MHz 110.0 - 125.0 MHz 125.0 - 131.2 MHz 148.8 - 155.0 MHz 155.0 - 170.0 MHz 170.0 - 240.0 MHz Source/Load Impedance (6) Notes:
1. 2. 3. 4. 5. 6.
Minimum
144.5 145.0 55 42 37 37 42 55 -
Typical
140 9.2 134.270 146.090 133.97 146.33 14.33 0.2 1.08 45 3.4 1.8 69.6 53.5 49.1 46.2 55.6 71.3 50
Maximum
10.5 135.5 135.0 16.0 0.8 1.1 100 8.0 2.5 -
Unit
MHz dB MHz MHz MHz MHz MHz dB p-p s ns deg dB dB dB dB dB dB
All specifications are based on the TriQuint test reference system In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances Relative to insertion loss at center frequency Amplitude Ripple is defined as the worse peak to adjacent valley within defined frequency points This is the optimum impedance in order to achieve the performance shown
Test Circuit:
Actual matching values may vary due to PCB layout and parasitics
36nH 11 33pF 5 36nH
50 Single-ended Input
50
56pF
1,2,3,4,6 7,8,9,10,12
33pF
56pF
50
50 Single-ended Output
Subject to change or obsolescence without notice
Rev A
06-07 TriQuint Semiconductor, Inc. (c)
Page 2 of 5
Part Number 856656 140 MHz SAW Filter Data Sheet
Typical Performance (at +25oC)
Subject to change or obsolescence without notice
Rev A
06-07 TriQuint Semiconductor, Inc. (c)
Page 3 of 5
Part Number 856656 140 MHz SAW Filter Data Sheet
Matching Schematics
Actual matching values may vary due to PCB layout and parasitics
36nH 11 33pF 5 36nH
50 Single-ended Input
50
56pF
1,2,3,4,6 7,8,9,10,12
33pF
56pF
50
50 Single-ended Output
Marking
1.70
PCB Footprint
13.51 3.53 6.70
SAWTEK 856656 XXXXXX
ID Dot Date Code
.99 .99 8.61 1.55 1.70
The date code consists of: day of the current year (Julian, 3 digits), last digit of the year (1 digit) and hour (2 digits)
This footprint represents a recommendation only Dimensions shown are nominal in millimeters
Tape and Reel
24.8 2.7 O330
0.3 2.0
ID dot
4.0 O1.5 A 1.75 11.5 13.9 24
O102
Direction of travel O20.2 O13.0 2.0
2.3 Section A-A 7.1 12.0 O1.5 A
Dimensions shown are nominal in millimeters Packaging quantity: 2000 units/reel
Subject to change or obsolescence without notice
Rev A
06-07 TriQuint Semiconductor, Inc. (c)
Page 4 of 5
Part Number 856656 140 MHz SAW Filter Data Sheet
Maximum Ratings
Parameter
Operating Temperature Range Storage Temperature Range Power Handling (1)
1. Device is measured for equivalent 10K hours @ 55 C (CW Signal)
Symbol
T Tstg Pin
Minimum
-25 -40 -
Maximum
+80 +85 +15
Unit
o o
C C o C
Important Notes
Warnings
* * * * Electrostatic Sensitive Device (ESD) Avoid ultrasonic exposure
RoHS Compliance
This product complies with EU directive 2002/95/EC (RoHS)
Pb
Solderability
Compatible with JEDEC J-STD-020C Pb-free process, 260C peak reflow temperature (see soldering profile)
Links to Additional Technical Information
PCB Layout Tips S-Parameters Qualification Flowchart RoHS Information Soldering Profile Other Technical Information
TriQuint's liability is limited only to the Surface Acoustic Wave (SAW) component(s) described in this data sheet. TriQuint does not accept any liability for applications, processes, circuits or assemblies, which are implemented using any TriQuint component described in this data sheet.
Contact Information
PO Box 609501 Orlando, FL 32860-9501 USA
Subject to change or obsolescence without notice
Phone: +1 (407) 886-8860 Fax: +1 (407) 886-7061 Email: info-product@tqs.com Web: www.triquint.com
Or contact one of our worldwide Network of sales offices, Representatives or distributors
Rev A
06-07 TriQuint Semiconductor, Inc. (c)
Page 5 of 5


▲Up To Search▲   

 
Price & Availability of 856656

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X